Part Number Hot Search : 
GSM075L MCR00411 MAD23009 284WECAS LYR976 OP296 1N4176B 2SC601
Product Description
Full Text Search
 

To Download SF801-SF808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF801 thru SF808
SUPER FAST RECTIFIERS REVERSE VOLTAGE - 50 to 600Volts FORWARD CURRENT - 8.0 Amperes TO-220AC
.108 (2.75) .413(10.5) .374(9.5) .153(3.9) .146(3.7) .187(4.7) .148(3.8) .055(1.4) .047(1.2)
FEATURES
Super fast switching time for high efficiency Low forward voltage drop
High current capabiltiy
Low reverse leakage current Plastic material has UL flammability
.270(6.9) .230(5.8) .610(15.5) .583(14.8) .04 MAX (1.0)
classification 94V-0
MECHANICAL DATA
Case: TO-220AC molded plastic Epoxy: UL94V-0 rate flame retadant Mounting position :Any Weight: 2.24 grams
.051 (1.3) .043(1.1) .032(0.8) .102(2.6) .091(2.3)
.157 .583(14.8) (4.0) .531(13.5)
.024(0.6) .012(0.3) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Instantaneous Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =75
SYMBOL VRRM VRMS VDC I(AV)
SF801 50 35 50
SF802 100 70 100
SF803 150 105 150
SF804 200 140 200 8.0
SF805 300 210 300
SF806 400 280 400
SF808 600 420 600
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ,TSTG 35 1.0
300 1.25 10 150 40 40 5 -55 to + 150 50 1.3
A V A nS pF /W
Maximum Reverse Recovery Time(Note1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating and Storage Temperature Range NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to ambient
~ 166 ~
RATING AND CHARACTERTIC CURVES SF801 thru SF808
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) 10 1000 8 6 4 2 0 INSTANTANEOUS REVERSE CURRENT(uA)
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD
FIG.2-TYPICAL REVERSE CHARACTERISTICS
TJ=100C
100
0
50
100
150
AMBIENT TEMPERATURE
10
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT,(A) 350 300 250 200 150 100 0 50 1 8.3 ms Single Half-Sine-Wave (JEDEC METOD) 2 10 20 5 5 NUMBER OF CYCLES AT 60HZ 50 100
TJ=25C 1.0
0.1 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG.4-TYPICAL INSTANTAEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,(A) 40 20 10 4 2
SF805 - SF806 SF801 - SF804
FIG.5-TYPICAL JUNCTION CAPACITANCE 200
JUNCTION CAPACITANCE(pF)
SF808
100 40 20 10 TJ=25C
1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ=25C PULSE WIDTH 300uS 1% DUTY CYCLE
4 2 1 0.1 0.2 0.4 1.0 2 4 10 20 40 100
REVERSE VOLTAGE,(V)
~ 167 ~


▲Up To Search▲   

 
Price & Availability of SF801-SF808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X